|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RS8 SERIES SINGLE-PHASE SILICON BRIDGE CHENG- YI ELECTRONIC VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 8.0 Amperes FEATURES Ideal for printed circuit board Realiable low cost construction utilizing molded plastic technique Plastic material has underwriters laboratory Flammibility Classification 94V-0 Surge overload rating:300 amperes peak Mounting Torgue: 5 In. lb. max UL recognized file # E149311 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 250C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%. RS8005 RS801 100 70 100 RS802 200 140 200 RS804 400 280 400 8.0 8.0 RS806 600 420 600 RS808 800 560 800 RS810 1000 700 1000 UNITS V V V A A Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Maximum DC Forward Voltage drop per element at 4.0A DC Maximum DC Reverse Current at rated @ TA=25 C DC Blocking Voltage Per Element @ TA=100 C 0 0 VRRM VRMS VDC 50 35 60 @ TC=100 C @ TA=65 C 0 0 V(AV) IFSM 200 A VF IR R JC TJ TSTG 1 10 1 4.7 -55 to +125 -55 to +150 0 V A mA C/W 0 Maximum Themal Resistance (Note) Operating Temperature Range Storage Temperature Range C C 0 RS8 SERIES SINGLE-PHASE SILICON BRIDGE CHENG- YI ELECTRONIC Fig.2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 100 RATING AND CHARACTERISTICS CURVES RS8 SERIES Fig.1 - DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES 8 INSTANTANEOUS FORWARD CURRENT. (A) 40 20 10 HEAT-SINK MOUNTING 6 4.0 TJ=250C 1.0 Pulse Width=300s 1% OUTY CYCLE 4 0.4 0.2 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 2 MOUNTED ON 4x4 INCH COPER PC BOARD-TA 0.51 1.27mm LEAD LENGTH 0 50 100 150 0 INSTANTANEOUS FORWARD VOLT AGE, (V) TEMPERATURE, 0 C Fig.4 - TYPICAL REVERSE CHARACTERISTICS 10 FORWARD SURGE CURRENT 300 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES Fig.3 - MAXIMUM NON-REPETITIVE PEAK 0 TC=100C 1.0 250 200 0 TJ=150C 8.3ms Single Half Sine Wave JEDEC Method 0.1 150 100 TA=250C .01 50 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE 25 0 1 10 100 Fig.5 - TYPICAL JUNCTION CAPACIT ANCE PER ELEMENT 250 CAPACITANCE, pF NUMBER OF CYCLES AT 60 Hz 200 TJ=250C 150 100 50 .01 1 10 100 REVERSE VOLTAGE, VOLTS |
Price & Availability of RS8 |